PART |
Description |
Maker |
Q67100-Q2039 HYB314100BJ-50 HYB314100BJ-60 HYB3141 |
4M x 1 Bit FPM DRAM 3.3 V 60 ns 4M x 1 Bit FPM DRAM 3.3 V 50 ns -4M x 1-Bit Dynamic RAM Low Power 4M x 1-Bit Dynamic RAM 4M x 1 Bit FPM DRAM 3.3 V 70 ns From old datasheet system
|
Infineon SIEMENS[Siemens Semiconductor Group]
|
IC41C82052S IC41LV82052S IC41C82052S-50J IC41C8205 |
DYNAMIC RAM, FPM DRAM 2M x 8 (16-MBIT) DYNAMIC RAM WITH FAST PAGE MODE
|
ICSI[Integrated Circuit Solution Inc]
|
HYM72V8010GS-60 HYM72V8010GS-50 HYM72V8000GS-60 HY |
8M x 72 Bit ECC FPM DRAM Module buffered 8M x 72-Bit Dynamic RAM Module (ECC - Module) 8M x 72-Bit Dynamic RAM Module 8米72位动态随机存储器模块 8M x 72-Bit Dynamic RAM Module 8M X 72 FAST PAGE DRAM MODULE, 60 ns, DMA168 Connector; Leaded Process Compatible:Yes; Peak Reflow Compatible (260 C):Yes 8M X 72 FAST PAGE DRAM MODULE, 50 ns, DMA168
|
SIEMENS[Siemens Semiconductor Group] Infineon SIEMENS AG
|
IC41C8513 IC41LV8513 IC41LV8513-60T IC41C8513-35K |
10:1 LVDS Serdes Transmitter 100 - 660Mbps 28-SSOP -40 to 85 10:1 LVDS Serdes Transmitter 100 - 660Mbps 32-QFN -40 to 85 512K x 8 bit Dynamic RAM with Fast Page Mode DYNAMIC RAM, FPM DRAM
|
ICSI[Integrated Circuit Solution Inc]
|
HYB314100BJL-70 HYB314100BJL-60 HYB314100BJ-50 HYB |
4M x 1-Bit Dynamic RAM Low Power 4M x 1-Bit Dynamic RAM 4M X 1 FAST PAGE DRAM, 50 ns, PDSO20 4M x 1-Bit Dynamic RAM Low Power 4M x 1-Bit Dynamic RAM 4米1位动态随机存储器的低功米1位动态随机存储器 4M X 1 FAST PAGE DRAM, 70 ns, PDSO20 0.300 INCH, PLASTIC, SOJ-26/20 4M x 1-Bit Dynamic RAM(Fast Page Mode)(4M x 1动RAM(快速页面模)
|
http:// Infineon Technologies AG SIEMENS AG
|
HYB3116405BT-50 HYB5117405BJ-50 HYB3117405BJ-50 HY |
RES 100K-OHM 1% 0.063W 200PPM THICK-FILM SMD-0402 10K/REEL-7IN-PA 4M X 4 EDO DRAM, 60 ns, PDSO24 High-Speed Fully-Differential Amplifiers 8-SOIC 0 to 70 4M X 4 EDO DRAM, 60 ns, PDSO24 4M×4-Bit Dynamic RAM(2k-Refresh,Hyper Page Mode - EDO)(4M×4动RAM (2K刷新,超级页面EDO)) 4M×4-Bit Dynamic RAM(4k-Refresh,Hyper Page Mode - EDO)(4M×4动RAM (4K刷新,超级页面EDO)) 4M x 4-Bit Dynamic RAM 2k & 4k Refresh
|
SIEMENS AG http:// Siemens Semiconductor Group
|
Q67100-Q607 Q67100-Q608 Q67100-Q433 Q67100-Q542 Q6 |
256 K x 4-Bit Dynamic RAM Low Power 256 K x 4-Bit Dynamic RAM 256亩4位动态随机存储器的低功56亩4位动态随机存储器 256 K x 4-Bit Dynamic RAM Low Power 256 K x 4-Bit Dynamic RAM 256K X 4 FAST PAGE DRAM, 60 ns, PDIP20
|
http:// SIEMENS A G SIEMENS AG
|
HYB3117805BSJ-50 HYB3117805BSJ-60 HYB5117805BSJ-60 |
2M x 8 Bit 2k 5 V 60 ns EDO DRAM 2M x 8 Bit 2k 3.3 V 60 ns EDO DRAM -2M x 8 - Bit Dynamic RAM 2k Refresh 2M x 8-Bit Dynamic RAM 2k Refresh (Hyper Page Mode-EDO) From old datasheet system
|
Infineon SIEMENS[Siemens Semiconductor Group]
|
VG26S17400FJ-5 VG26S17400FJ-6 VG26V17400FJ-5 VG26V |
4,194,304 x 4 - Bit CMOS FPM Dynamic RAM 4,194,304 x 4 - Bit CMOS Dynamic RAM
|
VML[Vanguard International Semiconductor]
|
HYB5116405BJ-50 HYB5116405BJ-60 HYB5117405BJ-70 HY |
4M x 4-Bit Dynamic RAM 2k & 4k Refresh 4M X 4 EDO DRAM, 70 ns, PDSO24 POWERLINE: RP12-S_DA - 2:1 Wide Input Voltage Range- 12 Watts Output Power- 1.6kVDC Isolation- Over Current Protection- Five-Sided Continuous Shield- Standard DIP24 and SMD-Pinning- Efficiency to 88% 4M x 4-Bit Dynamic RAM 2k & 4k Refresh
|
SIEMENS A G SIEMENS AG http:// Siemens Semiconductor G...
|
HYM322030GS-70 HYM322030GS-60 HYM322030GS-50 HYM32 |
2M x 32-Bit Dynamic RAM Module 200万32位动态随机存储器模块 2M x 32-Bit Dynamic RAM Module 2M X 32 FAST PAGE DRAM MODULE, 50 ns, SMA72 2M x 32-Bit Dynamic RAM Module 2M X 32 FAST PAGE DRAM MODULE, 70 ns, SMA72 2M x 32 Bit DRAM Module
|
SIEMENS AG SIEMENS[Siemens Semiconductor Group] Infineon
|